Part Number Hot Search : 
24FJ64G TC1706 MB89935B AP7312 105R1A5 KYW35A4 BR351 KYW35A4
Product Description
Full Text Search
 

To Download KRA309E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 6. 8 1/4 semiconductor technical data kra307e~KRA309E epitaxial planar pnp transistor revision no : 0 switching application. interface circuit and driver circuit application. features  with built-in bias resistors  simplify circuit design  reduce a quantity of parts and manufacturing process  high packing density. dim millimeters a b d e esm 1.60 0.10 0.85 0.10 0.70 0.10 0.27+0.10/-0.05 1.60 0.10 1.00 0.10 0.50 0.13 0.05 c g h j 1 3 2 e b d a g h c j 1. common (emitter) 2. in (base) 3. out (collector) + _ + _ + _ + _ + _ + _ type no. r1(k u ) r2(k u ) kra307e 10 47 kra308e 22 47 KRA309E 47 22 characteristic symbol rating unit output voltage kra307e  309e v o -50 v input voltage kra307e v i -30, 6 v kra308e -40, 7 KRA309E -40, 15 output current kra307e  309e i o -100 ma power dissipation p d 100 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1 type kra307e kra308e KRA309E mark ph pi pj equivalent circuit bias resistor values maximum rating (ta=25 1 ) mark spec r1 r2 common(+) out in type name marking
1999. 6. 8 2/4 kra307e~KRA309E revision no : 0 electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit output cut-off current kra307e  309e i o(off) v o =-50v, v i =0 - - -500 na dc current gain kra307e g i v o =-5v, i o =-10ma 80 150 - kra308e 80 150 - KRA309E 70 140 - output voltage kra307e  309e v o(on) i o =-10ma, i i =-0.5ma - -0.1 -0.3 v input voltage (on) kra307e v i(on) v o =-0.2v, i o =-5ma - -1.2 -1.8 v kra308e - -1.8 -2.6 KRA309E - -3.0 -5.8 input votlage (off) kra307e v i(off) v o =-5v, i o =-0.1ma -0.5 -0.75 - v kra308e -0.6 -0.88 - KRA309E -1.5 -1.82 - transition frequency kra307e  309e f t * v o =-10v, i o =-5ma - 200 - mhz input current kra307e i i v i =-5v - - -0.88 ma kra308e - - -0.36 KRA309E - - -0.16 switching time rise time kra307e t r v o =-5v, v in =-5v r l =1k u - 0.07 -  s kra308e - 0.20 - KRA309E - 0.38 - storage time kra307e t stg - 1.1 - kra308e - 1.3 - KRA309E - 0.7 - fall time kra307e t f - 0.35 - kra308e - 0.4 - KRA309E - 0.48 - note : * characteristic of transistor only.
1999. 6. 8 3/4 kra307e~KRA309E revision no : 0 i - v i(on) input on voltage v (v) i(on) input on voltage v (v) i(on) input on voltage v (v) -0.1 -0.3 -1 -3 o output current i (ma) o output current i (ma) o output current i (ma) o i(on) i - v o i(on) i - v o i(on) i(off) input on voltage v (v) o output current i ( a) i - v oi(off) i(off) input on voltage v (v) o output current i ( a) i - v oi(off) -10 -30 -100 -0.3 -0.5 -1 -3 -5 -10 -30 -50 v =-0.2v o ta=10 0 c ta=25 c ta=-25 c -25 25 100 ta=-25 c ta=25 c ta= 100 c o v =-0.2v -50 -30 -10 -5 -3 -1 -0.5 -0.3 -100 -30 -10 -3 -1 -0.3 -0.1 ta=-25 c ta=25 c ta=100 c o v =-0.2v -50 -30 -10 -5 -3 -1 -0.5 -0.3 -100 -30 -10 -3 -1 -0.3 -0.1 kra307e kra308e KRA309E o v =-5v kra308e -3k -1k -500 -300 -100 -50 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 -30 o v =-5v KRA309E -3k -1k -500 -300 -100 -50 -3.0 -2.6 -2.2 -1.8 -1.4 -1.0 -0.6 -0.2 -30 ta =10 0 c ta= 25 c ta=-25 c -3.4 ta=100 c ta=25 c ta=- 25 c i(off) input on voltage v (v) o output current i ( a) i - v oi(off) o v =-5v kra307e -3k -1k -500 -300 -100 -50 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 -30 ta=100 c ta =25 c ta =-2 5 c
1999. 6. 8 4/4 kra307e~KRA309E revision no : 0 g - i o output current i (ma) o output current i (ma) o output current i (ma) -1 -3 -10 -30 i dc current gain g i dc current gain g i dc current gain g io g - i io g - i io -100 30 50 100 300 500 1k kra307e kra308e 1k 500 300 100 50 20 v =-5v o ta=100 c ta=25 c ta=-25 c -1 -3 -10 -30 -100 1k 500 300 100 50 20 -100 -30 -10 -3 -1 KRA309E o v =-5v ta=100 c ta=25 c ta=-25 c o v =-5v ta=100 c ta=25 c ta=-25 c


▲Up To Search▲   

 
Price & Availability of KRA309E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X